PART |
Description |
Maker |
MAX708TESA MAX706T MAX708TCSA MAX708SEPA MAX708SMJ |
3V Voltage Monitoring, Low-Cost, ?? Supervisory Circuits 3V Voltage Monitoring, Low-Cost, レP Supervisory Circuits 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 103SR Series Unipolar Hall-Effect Digital Position Sensor with 15/32 in cylindrical stainless steel housing; two hex nuts; 1 m [39.4 in] jacketed cable; current sinking output; and Vdc supply voltage 3V Voltage Monitoring / Low-Cost / P Supervisory Circuits 3V Voltage Monitoring, Low-Cost, P Supervisory Circuits 3V VOLTAGE MONITORING, LOW-COST, ヌP SUPERVISORY CIRCUITS 3V Voltage Monitoring Low-Cost P Supervisory Circuits 3V Voltage Monitoring, Low-Cost, μP Supervisory Circuits
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm http:// MAXIM - Dallas Semiconductor
|
MAX6106 MAX6102 MAX6104 MAX6107 MAX6103 MAX6100-MA |
Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.8 V, PDSO3 (MAX6100 - MAX6107) Low-Cost / Micropower / Low-Dropout / High-Output-Current / SOT23 Voltage References "Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References" From old datasheet system
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
VCP05US05 VCP05US12 VCP05US0513 VCP05US15 |
Low Cost, Universal AC Input, Output Voltage from 5 to 15 V
|
XP Power Limited
|
MAX6101 MAX6101EUR-T MAX6102 MAX6102EUR-T MAX6103 |
Low-Cost Micropower Low-Dropout High-Output-Current SOT23 Voltage References Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References Low-Cost / Micropower / Low-Dropout / High-Output-Current / SOT23 Voltage References
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX5203BEUB MAX5200 MAX5200ACUB MAX5200AEUB MAX520 |
Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in レMAX
|
MAXIM[Maxim Integrated Products]
|
MAX512/MAX513 |
Low-Cost Triple 8-Bit Voltage-Output DACs with Serial Interface
|
Maxim Integrated Products, Inc.
|
AD8017ARZ-REEL AD8017ARZ |
Low Cost High Output Current High Output Voltage Line Driver
|
Analog Devices
|
MAX5203AMUB/PR3 |
Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX
|
MAXIM - Dallas Semiconductor
|
AD853108 AD8532ARM-R2 AD8532ARM-REEL AD8532ARMZ-R2 |
Low Cost, 250 mA Output, Single-Supply Amplifiers Dual, Low Cost, 250 mA Output, Single-Supply Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 30000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO8
|
http:// Analog Devices, Inc.
|
CLV1525E |
IC 10-OUTPUT CLOCK DRV 20QSOP 低成高性能压控振荡 LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
|
Z-Communications, Inc. ZCOMM[Z-Communications, Inc]
|
AMS2501 AMS2501CS AMS2501CS-15 AMS2501CS-18 AMS250 |
Dual 4-Input Multiplexers 16-SOIC -55 to 125 1A VERY LOW DROPOUT VOLTAGE REGULATORS A非常低压差电压调节器 Dual 4-Input Multiplexers 16-PDIP -55 to 125 REC3-SR_DR/H1 Series - Econoline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 15V; Power: 3W; Low Cost 3W converter
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems]
|